Part Number Hot Search : 
1N4565A EE07961 1203S 74AUP2G CPH3206 07197 TC4572BP ICL71
Product Description
Full Text Search
 

To Download SSM3J15F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ty semiconductor reliability handbook (?handling SSM3J15F ? small package ? low on resistance : r on = 12 (max) (@v gs = ? 4 v) : r on = 32 (max) (@v gs = ? 2.5 v) absolute maximum ratings (ta = 25c) characteristics symbol rating unit drain-source voltage v ds ? 30 v gate-source voltage v gss 20 v dc i d ? 100 drain current pulse i dp ? 200 ma drain power dissipation (ta = 25c) p d 200 mw channel temperature t ch 150 c storage temperature range t stg ? 55~150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage a nd the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/vol tage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the precautions?/?derating concept and met hods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). marking equivalent circuit (top view) handling precaution when handling individual devices (which are not yet mount ing on a circuit board), be sure that the environment is protected against electrostatic electricity. operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. unit: mm s-mini 1.1-0.1 2.90.2 1.9 +0.1 0.4-0.05 1 23 0.95 0.95 +0.2 0.16-0.06 +0.1 0.3 0~0.1 1.5-0.15 +0.25 2.5-0.3 +0.5 1.gate 2.source 3.drain weight: 0.012g(typ.) d q 1 2 3 12 3 smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics (ta = 25c) characteristic symbol test condition min. typ. max. unit gate leakage current i gss v gs = 16 v, v ds = 0 ? ? 1 a drain-source breakdown voltage v (br) dss i d = ? 0.1 ma, v gs = 0 ? 30 ? ? v drain cut-off current i dss v ds = ? 30 v, v gs = 0 ? ? ? 1 a gate threshold voltage v th v ds = ? 3 v, i d = ? 0.1 ma ? 1.1 ? ? 1.7 v forward transfer admittance ? y fs ? v ds = ? 3 v, i d = ? 10 ma 20 ? ? ms i d = ? 10 ma, v gs = ? 4 v ? 8 12 drain-source on resistance r ds (on) i d = ? 1 ma, v gs = ? 2.5 v ? 14 32 input capacitance c iss ? 9.1 ? pf reverse transfer capacitance c rss ? 3.5 ? pf output capacitance c oss v ds = ? 3 v, v gs = 0, f = 1 mhz ? 8.6 ? pf turn-on time t on ? 65 ? switching time turn-off time t off v dd = ? 5 v, i d = ? 10 ma, v gs = 0~ ? 5 v ? 175 ? ns switching time test circuit precaution v th can be expressed as voltage between gate and source when low operating current value is i d = ? 100 a for this product. for normal switching operation, v gs (on) requires higher voltage than v th and v gs (off) requires lower voltage than v th . (relationship can be established as follows: v gs (off) < v th < v gs (on)) please take this into consideration for using the device. v dd = ? 5 v duty < = 1% v in : t r , t f < 5 ns (z out = 50 ) common source ta = 25c in 0 ? 5v 10 s v dd out 50 r l (c) v out t on 90% 10% ? 5 v 0 v 90% 10% t off t r t f v ds ( on ) v dd (b) v in (a) test circuit SSM3J15F smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SSM3J15F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X